PART |
Description |
Maker |
STB6NC80 STB6NC80Z STB6NC80Z-1 STP6NC80ZFP STP6NC8 |
N-CHANNEL 800V - 1.5ohm - 5.4A TO-220/FP/D2PAK/I2PAK Zener-Protected PowerMESH?III MOSFET N-CHANNEL 800V - 1.5ohm - 5.4A TO-220/FP/DPAK/IPAK Zener-Protected PowerMESHIII MOSFET N-CHANNEL 800V - 1.5ohm - 5.4A TO-220/FP/D?PAK/I?PAK Zener-Protected PowerMESH⑩III MOSFET N沟道800V 1.5ohm - 5.4A TO-220/FP/D?巴基斯我?巴基斯坦齐保护的PowerMESH⑩三MOSFET 5.4 A, 800 V, 1.8 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
意法半导 STMICROELECTRONICS[STMicroelectronics] STMicroelectronics N.V.
|
ISL54500 ISL54500IHZ-T ISL54500IRUZ-T |
1.8V to 5.5V, 5OHM, Single SPDT Analog Switch
|
Intersil Corporation
|
IRFD9220 |
Power MOSFET(Vdss=-200V/ Rds(on)=1.5ohm/ Id=-0.56A) Power MOSFET(Vdss=-200V, Rds(on)=1.5ohm, Id=-0.56A) -200V Single P-Channel HEXFET Power MOSFET in a HEXDIP package
|
IRF[International Rectifier]
|
STG3685BJR STG3685 |
From old datasheet system LOW VOLTAGE 0.5ohm MAX DUAL SPDT SWITCH, SINGLE ENABLE WITH BREAK BEFORE MAKE FEATURE
|
STMICROELECTRONICS[STMicroelectronics]
|
JANTX2N6762 JANTXV2N6762 |
500V Single N-Channel Hi-Rel MOSFET in a TO-204AA package TRANSISTORS N-CHANNEL(Vdss=500V, Rds(on)=1.5ohm, Id=4.5A)
|
IRF[International Rectifier]
|
STW7NC80Z |
N-CHANNEL 800V 1.5OHM 6A TO-247 ZENER-PROTECTED POWERMESH MOSFET N-CHANNEL 800V - 1.5ohm - 6A TO-247 Zener-Protected PowerMESH⑩III MOSFET N-CHANNEL 800V - 1.5ohm - 6A TO-247 Zener-Protected PowerMESH?III MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
3W512 |
Balun 50ohm to 12.5ohm Balanced
|
Anaren Microwave
|
JANTXV2N6762 JANTX2N6762 |
POWER MOSFET N-CHANNEL(BVdss=500V/ Rds(on)=1.5ohm/ Id=4.5A) POWER MOSFET N-CHANNEL(BVdss=500V, Rds(on)=1.5ohm, Id=4.5A)
|
IRF[International Rectifier]
|
STG3690TTR STG3690 STG3690QTR |
LOW VOLTAGE 5ohm MAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
BSS138N |
Low Voltage MOSFETs - SOT23, 60V, 3.5Ohm, 0.23A SIPMOS Small-Signal-Transistor
|
INFINEON[Infineon Technologies AG]
|
IRFU210 IRFR210 IRFU210PBF IRFR210TRL IRFR210TRR |
200V Single N-Channel HEXFET Power MOSFET in a D-Pak package 200V Single N-Channel HEXFET Power MOSFET in a I-Pak package Power MOSFET(Vdss=200V, Rds(on)=1.5ohm, Id=2.6A)
|
IRF[International Rectifier]
|
STB9NC60 |
N - CHANNEL 600V - 0.5Ohm -9A D 2 PAK/I 2 PAK PowerMESH II MOSFET
|
SGS Thomson Microelectronics
|